|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MULTI-LAYER DIELECTRIC FILTER ADFC31 Series STANDARD SPECIFICATIONS: ADFC31-1906.50 - A CHARACTERISTICS Center Frequency Fc Bandwidth Insertion Loss Ripple V.S.W.R. Relative Attenuation 440 ~ 1460 MHz 1660 ~ 1680 MHz 2130 ~ 2150 MHz *Post Environmental Tolerance *RoHS COMPLIANT Operating Temperature Storage Temperature Impedance @ Input/Output Input Power Reliability (MTBF) ||||||||||||||| 3.2 x 1.6 x 1.2mm UNIT MHz MHz dB dB BW dB dB dB TYP. 1906.50 +/-13.5 2.7 1.0 2.0 40 35 15 TOL. *+/-2.0 *+/-1.0 *+/-0.5 0.5 *+/-0.2 *+/-2.0 *+/-2.0 *+/-2.0 -40C to +85C -40C to +85C 50 0.5W 1x10-6/pc.hr OUTLINE DRAWING: * 1.60.1 1 * 2 0.3 3.20.2 ADFC31-2450.00 - B CHARACTERISTICS Center Frequency Fc Bandwidth Insertion Loss Ripple V.S.W.R. Relative Attenuation 902 ~ 928 MHz 1500 ~ 1550 MHz 2150 ~ 2200 MHz 4800 ~ 5000 MHz *Post Environmental Tolerance UNIT MHz MHz dB dB BW dB dB dB dB TYP. 2450.00 +/-50.0 1.5 1.0 2.0 20 35 6 20 TOL. *+/-2.0 *+/-1.0 *+/-0.5 *+/-0.5 *+/-0.2 *+/-2.0 *+/-2.0 *+/-2.0 *+/-2.0 b 1.20.1 a 2.4 1.9 1.0 0.6 0.8 1.5 3.5 ADFC31-5800.00 - C CHARACTERISTICS Center Frequency Fc Bandwidth Insertion Loss Ripple V.S.W.R. Relative Attenuation @ 2000 MHz @ 3000 MHz 8500 ~ 9000 MHz *Post Environmental Tolerance ABRACON IS ISO 9001 / QS 9000 CERTIFIED rev1.1-11/05 UNIT MHz MHz dB dB BW dB dB dB TYP. 5800.00 +/-50.0 2.0 1.0 2.0 35 30 28 TOL. *+/-5.0 *+/-1.0 *+/-0.5 <=0.5 *+/-0.2 *+/-2.0 *+/-2.0 *+/-2.0 0.3 2.6 1.0 1 : Input 2 : Output * GND a: 0.50.1mm b: 2.00.1mm Dimensions: inch (mm) PACKAGING: -T= Tape and Reel (1,000pcs/reel) 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com |
Price & Availability of ADFC31 |